Part Number Hot Search : 
PKS30A AUP1T SBR8215 A5800290 PM5350 TC74LCX K5A2AU AF100
Product Description
Full Text Search
 

To Download KDB2572 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOSFET
N-Channel PowerTrench MOSFET KDB2572(FDB2572)
Features
rDS(ON) = 45m (Typ.), VGS = 10V, ID = 9A
+0.1 1.27-0.1
TO-263
+0.1 1.27-0.1 +0.2 4.57-0.2
Unit: mm
Qg(tot) = 26nC (Typ.), VGS = 10V Low Miller Charge
+0.2 8.7-0.2
UIS Capability (Single Pulse and Repetitive Pulse)
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
+0.2 5.28-0.2
2.54 5.08
+0.1 -0.1
+0.2 2.54-0.2
+0.2 15.25-0.2
+0.2 2.54-0.2
0.4
+0.2 -0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current-Continuous TC=25 TA=25 Power dissipation Derate above 25 Thermal Resistance Junction to Ambient Thermal Resistance, Junction-to-Case Channel temperature Storage temperature ReJA ReJC Tch Tstg PD Symbol VDSS VGSS ID Rating 150 20 29 4 135 0.9 43 1.11 175 -55 to +175 Unit V V A A W W/ /W /W
5.60
1 Gate 2 Drain 3 Source
Low QRR Body Diode
www.kexin.com.cn
1
SMD Type
MOSFET
KDB2572(FDB2572)
Electrical Characteristics Ta = 25
Parameter Drain to source breakdown voltage Drain cut-off current Gate leakage current Gate threshold voltage Symbol VDSS IDSS IGSS VGS(th) ID=250iA Testconditons VGS=0V Min 150 1 250 100 2.0 4.0 0.045 0.054 0.050 0.075 0.126 0.146 1770 VDS=25V,VGS=0,f=1MHZ 183 40 VGS = 0V to 10V VGS = 0V to 2V 26 3.3 8 VDS = 75 V, ID = 9A,Ig=1.0mA 5 6 36 11 VDD = 75 V, ID = 9 A, VGS = 10 V, RGEN = 11 14 31 14 66 ISD=9A ISD=4A ISD = 9A, dISD/dt =100A/is ISD = 9A, dISD/dt =100A/is 1.25 1.0 74 169 34 4.3 pF pF pF nC nC nC nC nC ns ns ns ns ns ns V V ns nC U Typ Max Unit V A A nA V
VDS=120V,VGS=0 VDS=120V,VGS=0,TC=150 VGS= 20V VDS = VGS, ID = 250iA VGS=10V,ID=9A
Drain to source on-state resistance
RDS(on)
VGS=6V,ID=4A VGS=10V,ID=9A,TC=175
Input capacitance Output capacitance Reverse transfer capacitance Total Gate Charge at 10V Threshold Gate Charge Gate to Source Gate Charge Gate Charge Threshold to Plateau Gate to Drain "Miller" Charge Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time Source to Drain Diode Voltage Reverse Recovery Time Reverse Recovered Charge
Ciss Coss Crss Qg(TOT) Qg(TH) Qgs Qgs2 Qgd tON td(ON) tr td(OFF) tf tOFF VSD trr QRR
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KDB2572

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X